Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 420 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 416Page - Renesas Technology Corp HD6417618A Datasheet HTML 417Page - Renesas Technology Corp HD6417618A Datasheet HTML 418Page - Renesas Technology Corp HD6417618A Datasheet HTML 419Page - Renesas Technology Corp HD6417618A Datasheet HTML 420Page - Renesas Technology Corp HD6417618A Datasheet HTML 421Page - Renesas Technology Corp HD6417618A Datasheet HTML 422Page - Renesas Technology Corp HD6417618A Datasheet HTML 423Page - Renesas Technology Corp HD6417618A Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 388 of 610
REJ09B0131-0600
14.7
Usage Notes
Note the following when using the SCIF.
1. SCFTDR Writing and TDFE Flag
The TDFE flag in the serial status register (SCFSR) is set when the number of transmit data
bytes written in the transmit FIFO data register (SCFTDR) has fallen below the transmit
trigger number set by bits TTRG1 and TTRG0 in the FIFO control register (SCFCR). After
TDFE is set, transmit data up to the number of empty bytes in SCFTDR can be written,
allowing efficient continuous transmission.
However, if the number of data bytes written in SCFTDR is equal to or less than the transmit
trigger number, the TDFE flag will be set to 1 again after being read as 1 and cleared to 0.
TDFE clearing should therefore be carried out when SCFTDR contains more than the transmit
trigger number of transmit data bytes.
The number of transmit data bytes in SCFTDR can be found from the upper 8 bits of the FIFO
data count register (SCFDR).
2. SCFRDR Reading and RDF Flag
The RDF flag in the serial status register (SCFSR) is set when the number of receive data bytes
in the receive FIFO data register (SCFRDR) has become equal to or greater than the receive
trigger number set by bits RTRG1 and RTRG0 in the FIFO control register (SCFCR). After
RDF is set, receive data equivalent to the trigger number can be read from SCFRDR, allowing
efficient continuous reception.
However, if the number of data bytes in SCFRDR is equal to or greater than the trigger
number, the RDF flag will be set to 1 again if it is cleared to 0. RDF should therefore be
cleared to 0 after being read as 1 after all the receive data has been read.
The number of receive data bytes in SCFRDR can be found from the lower 8 bits of the FIFO
data count register (SCFDR).
3. Break Detection and Processing
Break signals can be detected by reading the RxD pin directly when a framing error (FER) is
detected. In the break state the input from the RxD pin consists of all 0s, so the FER flag is set
and the parity error flag (PER) may also be set. Note that, although transfer of receive data to
SCFRDR is halted in the break state, the SCIF receiver continues to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com