Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 418Page - Renesas Technology Corp HD6417618A Datasheet HTML 419Page - Renesas Technology Corp HD6417618A Datasheet HTML 420Page - Renesas Technology Corp HD6417618A Datasheet HTML 421Page - Renesas Technology Corp HD6417618A Datasheet HTML 422Page - Renesas Technology Corp HD6417618A Datasheet HTML 423Page - Renesas Technology Corp HD6417618A Datasheet HTML 424Page - Renesas Technology Corp HD6417618A Datasheet HTML 425Page - Renesas Technology Corp HD6417618A Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 390 of 610
REJ09B0131-0600
Equation 1:
M = (0.5 -
) = (L - 0.5) F -
(1+F)
× 100 %
1
2N
D - 0.5
N
Where: M: Receive margin (%)
N: Ratio of clock frequency to bit rate (N = 16)
D: Clock duty cycle (D = 0 to 1.0)
L: Frame length (L = 9 to 12)
F: Absolute deviation of clock frequency
From equation 1, if F = 0 and D = 0.5, the receive margin is 46.875%, as given by equation 2.
Equation 2:
When D = 0.5 and F = 0:
M
= (0.5 – 1/(2 × 16)) × 100%
= 46.875%
This is a theoretical value. A reasonable margin to allow in system designs is 20% to 30%.
6. Prohibited Multiple Pin Allocation for Channel 1
Although signal SCK1, RxD1, or TxD1 can be assigned to pin PD4 or PE20, either of the pin
must be selected. For example, if signal SCK1 is assigned to both pins PD4 and PE20, correct
operation of the SCIF is not guaranteed. Similarly, signal SCK1, RxD1, or TxD1 can be
assigned to pin PD3 or PE19 and pin PD2 or PE18, respectively. However if these signals are
assigned to both corresponding pins, correct operation of the SCIF is not guaranteed.
7. States of the TxD and RTS Pins When the TE Bit is Cleared
The TxDi (i
= 0, 1, 2) and RTSj (j = 0, 1) pins usually function as output pins during serial
communication. However, even if these functions are selected by the pin function controller
(PFC), these pins are in the high impedance state as long as the TE bit in SCSCRi (i
= 0, 1, 2)
is cleared. To make these pins always function as output pins (regardless of the value of the TE
bit), set SCPTRi (i
= 0, 1, 2) and PFC in the following order.
a. Set the SPBIO and SPBDT bits in SCPTRi (i
= 0, 1, 2). Set the RTSIO and RTSDT bits in
SCPTRj (j
= 0, 1).
b. Select the TxDi (i
= 0, 1, 2) and RTSj (j = 0, 1) pins by the PFC.
8. Interval from when the TE bit in SCSCR is Set to 1 until a Start Bit is Transmitted in
Asynchronous Mode
In the SCIF included in former products, a start bit is transmitted after the internal equivalent
to one frame. In the SCIF included in this product, however, a start bit is transmitted directly
after the TE bit is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com