Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 432 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 428Page - Renesas Technology Corp HD6417618A Datasheet HTML 429Page - Renesas Technology Corp HD6417618A Datasheet HTML 430Page - Renesas Technology Corp HD6417618A Datasheet HTML 431Page - Renesas Technology Corp HD6417618A Datasheet HTML 432Page - Renesas Technology Corp HD6417618A Datasheet HTML 433Page - Renesas Technology Corp HD6417618A Datasheet HTML 434Page - Renesas Technology Corp HD6417618A Datasheet HTML 435Page - Renesas Technology Corp HD6417618A Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 400 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
7
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
—
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.
5
MD1
0/1
R
HIF Mode 1
Indicates whether this LSI was started up in HIF boot
mode or non-HIF boot mode. This bit stores the value
of the HIFMD pin sampled at a power-on reset
0: Started up in non-HIF boot mode (booted from the
memory connected to area 0)
1: Started up in HIF boot mode (booted from HIFRAM)
4 to 2
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1
EDN
0
R/W
Endian for HIFRAM Access
Specifies the byte order when HIFRAM is accessed by
the on-chip CPU.
0: Big endian (MSB first)
1: Little endian (LSB first)
0
BO
0
R/W
Byte Order for Access of All HIF Registers Including
HIFDATA
Specifies the byte order when an external device
accesses all HIF registers including HIFDATA.
0: Big endian (MSB first)
1: Little endian (LSB first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com