| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 435 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 435 Page - Renesas Technology Corp |
|
435 / 646 page ![]() Section 15 Host Interface (HIF) Rev. 6.00 Jun. 12, 2007 Page 403 of 610 REJ09B0131-0600 15.4.5 HIF Internal Interrupt Control Register (HIFIICR) HIFIICR is a 32-bit register used to issue interrupts from an external device connected to the HIF to the on-chip CPU. Access to HIFIICR by an external device should be performed with HIFIICR specified by bits REG5 to REG0 in HIFIDX and the HIFRS pin low. Bit Bit Name Initial Value R/W Description 31 to 8 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. 7 6 5 4 3 2 1 IIC6 IIC5 IIC4 IIC3 IIC2 IIC1 IIC0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W Internal Interrupt Source These bits specify the source for interrupts generated by the IIR bit. These bits can be written to from both an external device and the on-chip CPU. By using these bits, fast execution of interrupt exception handling is possible. These bits are completely under software control, and their values have no effect on the operation of this LSI. 0 IIR 0 R/W Internal Interrupt Request While this bit is 1, an interrupt request (HIFI) is issued to the on-chip CPU. 15.4.6 HIF External Interrupt Control Register (HIFEICR) HIFEICR is a 32-bit register used to issue interrupts to an external device connected to the HIF from this LSI. Access to HIFEICR by an external device should be performed with HIFEICR specified by bits REG5 to REG0 in HIFIDX and the HIFRS pin low. Bit Bit Name Initial Value R/W Description 31 to 8 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |