Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 435Page - Renesas Technology Corp HD6417618A Datasheet HTML 436Page - Renesas Technology Corp HD6417618A Datasheet HTML 437Page - Renesas Technology Corp HD6417618A Datasheet HTML 438Page - Renesas Technology Corp HD6417618A Datasheet HTML 439Page - Renesas Technology Corp HD6417618A Datasheet HTML 440Page - Renesas Technology Corp HD6417618A Datasheet HTML 441Page - Renesas Technology Corp HD6417618A Datasheet HTML 442Page - Renesas Technology Corp HD6417618A Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 407 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
0
DTRG
0
R/W*
1 *2 HIFDREQ Trigger
When 1 is written to this bit, the HIFDREQ pin is
asserted according to the setting of the DMD and
DPOL bits in HIFSCR. This bit is automatically
cleared to 0 in synchronization with negate of the
HIFDREQ pin.
Though this bit can be set to 1 by the on-chip CPU, it
cannot be cleared to 0.
To avoid conflict between clearing of this bit by
negate of the HIFDREQ pin and setting of this bit by
the on-chip CPU, make sure this bit is cleared to 0
before setting this bit to 1 by the on-chip CPU.
Notes: 1. This bit cannot be accessed by an external device. It can be accessed only by the on-
chip CPU.
2. Writing 0 to this bit by the on-chip CPU is ignored.
15.4.11
HIF Bank Interrupt Control Register (HIFBICR)
HIFBICR is a 32-bit register that controls HIF bank interrupts. HIFBICR cannot be accessed by an
external device.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 2
—
All 0
R*
1
Reserved
These bits are always read as 0. The write value
should always be 0.
1
BIE
0
R/W*
1
Bank Interrupt Enable
Enables or disables a bank interrupt request (HIFBI)
issued to the on-chip CPU.
0: HIFBI disabled
1: HIFBI enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com