Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 434Page - Renesas Technology Corp HD6417618A Datasheet HTML 435Page - Renesas Technology Corp HD6417618A Datasheet HTML 436Page - Renesas Technology Corp HD6417618A Datasheet HTML 437Page - Renesas Technology Corp HD6417618A Datasheet HTML 438Page - Renesas Technology Corp HD6417618A Datasheet HTML 439Page - Renesas Technology Corp HD6417618A Datasheet HTML 440Page - Renesas Technology Corp HD6417618A Datasheet HTML 441Page - Renesas Technology Corp HD6417618A Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 406 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
0
AC
0/1
R/W
HIFRAM Access Exclusive Control
Controls accessing of HIFRAM by the on-chip CPU for
the HIFRAM bank selected by the BMD and BSEL bits
in HIFSCR as the bank allowed to be accessed by this
LSI.
0: The on-chip CPU can perform reading/writing of
HIFRAM.
1: When an HIFRAM read/write operation by the on-
chip CPU occurs, the CPU enters the wait state, and
execution of the instruction is halted until this bit is
cleared to 0.
When booted in non-HIF boot mode, the initial value of
this bit is 0.
When booted in HIF boot mode, the initial value of this
bit is 1. After an external device writes a boot program
to HIFRAM via the HIF, clearing this bit to 0 boots the
on-chip CPU from HIFRAM.
When 1 is written to this bit by an external device, H'A5
should be written to bits 7 to 0 to prevent erroneous
writing.
15.4.10
HIFDREQ Trigger Register (HIFDTR)
HIFDTR is a 32-bit register. Writing to HIFDTR by the on-chip CPU asserts the HIFDREQ pin.
HIFDTR cannot be accessed by an external device.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 1
—
All 0
R*
1
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com