Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 447Page - Renesas Technology Corp HD6417618A Datasheet HTML 448Page - Renesas Technology Corp HD6417618A Datasheet HTML 449Page - Renesas Technology Corp HD6417618A Datasheet HTML 450Page - Renesas Technology Corp HD6417618A Datasheet HTML 451Page - Renesas Technology Corp HD6417618A Datasheet HTML 452Page - Renesas Technology Corp HD6417618A Datasheet HTML 453Page - Renesas Technology Corp HD6417618A Datasheet HTML 454Page - Renesas Technology Corp HD6417618A Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 419 of 610
REJ09B0131-0600
15.9
Interface When External Device Power is Cut Off
When the power supply of an external device interfacing with the HIF is cut off, intermediate
levels may be applied to the HIF input pins or the HIF output pins may drive an external device
not powered, thus causing the device to be damaged. The HIFEBL pin is provided to prevent this
from happening. The system power monitor block controls the HIFEBL pin in synchronization
with the cutoff of the external device power so that all HIF pins can be set to the high-impedance
state. Figure 15.12 shows an image of high-impedance control of the HIF pins. Tables 15.6 and
15.7 list the input/output control for the HIF pins.
HIFCS
HIFWR
HIFRD
HIFD15 to HIFD00
HIFRS
HIFMD
HIFINT
HIFDREQ
HIFRDY
HIFEBL
Figure 15.12 Image of High-Impedance Control of HIF Pins by HIFEBL Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com