Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 446Page - Renesas Technology Corp HD6417618A Datasheet HTML 447Page - Renesas Technology Corp HD6417618A Datasheet HTML 448Page - Renesas Technology Corp HD6417618A Datasheet HTML 449Page - Renesas Technology Corp HD6417618A Datasheet HTML 450Page - Renesas Technology Corp HD6417618A Datasheet HTML 451Page - Renesas Technology Corp HD6417618A Datasheet HTML 452Page - Renesas Technology Corp HD6417618A Datasheet HTML 453Page - Renesas Technology Corp HD6417618A Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 418 of 610
REJ09B0131-0600
External Device
This LSI
No.
CPU
DMAC
HIF
CPU
9
Consecutive
data read from
bank 1 in
HIFRAM
Write data to bank 0 in
HIFRAM
10
Read from end
address of bank
1 in HIFRAM
completes and
operation halts
→ HIF bank
interrupt
occurs
→ HIFRAM bank switching
by HIF bank interrupt
handler (external device
accesses bank 0 and on-
chip CPU accesses
bank 1)
11
Re-activate
DMAC
← Assert
HIFDREQ
← Set DTRG bit to 1
12
Consecutive
data read from
bank 0 in
HIFRAM
Write data to bank 1 in
HIFRAM
13
Read from end
address of bank
0 in HIFRAM
completes and
operation halts
→ HIF bank
interrupt
occurs
→ HIFRAM bank switching
by HIF bank interrupt
handler (external device
accesses bank 1 and on-
chip CPU accesses
bank 0)
14
Re-activate
DMAC
← Assert
HIFDREQ
← Set DTRG bit to 1
Hereafter No. 12 to 14 are repeated. When a register other than HIFDATA is accessed (except
that HIFGSR read with HIFRS = low), HIFRAM consecutive read is interrupted, and No. 3 to 5
need to be done again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com