Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 442Page - Renesas Technology Corp HD6417618A Datasheet HTML 443Page - Renesas Technology Corp HD6417618A Datasheet HTML 444Page - Renesas Technology Corp HD6417618A Datasheet HTML 445Page - Renesas Technology Corp HD6417618A Datasheet HTML 446Page - Renesas Technology Corp HD6417618A Datasheet HTML 447Page - Renesas Technology Corp HD6417618A Datasheet HTML 448Page - Renesas Technology Corp HD6417618A Datasheet HTML 449Page - Renesas Technology Corp HD6417618A Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 414 of 610
REJ09B0131-0600
When the external DMAC is specified to detect high level of the HIFDREQ signal, set DMD = 0
and DPOL = 1. At the time the DPOL bit is set to 1, HIFDREQ becomes low. Then after writing 1
to the DTRG bit, HIFDREQ remains high until low level is detected for both the
HIFCS and
HIFRS signals.
In this case, when the HIFDREQ signal is used, make sure that the setup time (
HIFCS assertion to
HIFRS settling) and the hold time (HIFRS hold to
HIFCS negate) are satisfied. If t
HIFAS and tHIFAH
stipulated in section 21.4.9, HIF Timing, are not satisfied, the HIFDREQ signal may be negated
unintentionally.
DTRG bit
DPOL bit
HIFDREQ
HIFCS
HIFRS
Negated in synchronization
with the DPOL bit being set
by the on-chip CPU.
The DTRG bit is cleared
simultaneously with
HIFDREQ negate.
Negated when
HIFCS = HIFRS = low level.
Latency is tPCYC (peripheral clock cycle)
× 3 cyc or less.
Asserted in synchronization
with the DTRG bit being set
by the on-chip CPU.
Figure 15.9 HIFDREQ Timing (When DMD = 0 and DPOL = 1)
When the external DMAC is specified to detect the falling edge of the HIFDREQ signal, set DMD
= 1 and DPOL = 0. After writing 1 to the DTRG bit, a low pulse of 32 peripheral clock cycles is
generated at the HIFDREQ pin.
DTRG bit
DPOL bit
HIFDREQ
After assert, negated when
tPCYC (peripheral clock cycle)
× 32 cyc have elapsed.
Asserted in synchronization
with the DTRG bit being set
by the on-chip CPU.
The DTRG bit is cleared
simultaneously with
HIFDREQ negate.
Figure 15.10 HIFDREQ Timing (When DMD = 1 and DPOL = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com