Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 441Page - Renesas Technology Corp HD6417618A Datasheet HTML 442Page - Renesas Technology Corp HD6417618A Datasheet HTML 443Page - Renesas Technology Corp HD6417618A Datasheet HTML 444Page - Renesas Technology Corp HD6417618A Datasheet HTML 445Page - Renesas Technology Corp HD6417618A Datasheet HTML 446Page - Renesas Technology Corp HD6417618A Datasheet HTML 447Page - Renesas Technology Corp HD6417618A Datasheet HTML 448Page - Renesas Technology Corp HD6417618A Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 413 of 610
REJ09B0131-0600
HIFCS
HIFRS
HIFRD
HIFWR
0016
AHAL
000A
0088
0018
D0D1 D2D3 D4D5 D6D7 D8D9
DCDD
DADB
HIFADR setting
[15:8] = AH
[7:0] = AL
HIFMCR setting
Consecutive read
Auto-increment
Consecutive data reading
HIFDATA
selection
HIFD15 to HIFD00
Figure 15.7 Consecutive Data Reading from HIFRAM
15.8
External DMAC Interface
Figures 15.8 to 15.11 show the HIFDREQ output timing. The start of the HIFDREQ assert
synchronizes with the DTRG bit in HIFDTR being set to 1. The HIFDREQ negate timing and
assert level are determined by the DMD and DPOL bits in HIFSCR, respectively.
When the external DMAC is specified to detect low level of the HIFDREQ signal, set DMD = 0
and DPOL = 0. After writing 1 to the DTRG bit, the HIFDREQ signal remains low until low level
is detected for both the
HIFCS and HIFRS signals.
In this case, when the HIFDREQ signal is used, make sure that the setup time (
HIFCS assertion to
HIFRS settling) and the hold time (HIFRS hold to
HIFCS negate) are satisfied. If t
HIFAS and tHIFAH
stipulated in section 21.4.9, HIF Timing, are not satisfied, the HIFDREQ signal may be negated
unintentionally.
DTRG bit
DPOL bit
HIFDREQ
Asserted in synchronization with the
DTRG bit being set by the on-chip CPU.
The DTRG bit is cleared
simultaneously with
HIFDREQ negate.
Negated when
HIFCS = HIFRS = low level.
Latency is tPCYC (peripheral clock cycle)
× 3 cyc or less.
HIFCS
HIFRS
Figure 15.8 HIFDREQ Timing (When DMD = 0 and DPOL = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com