Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 444 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 440Page - Renesas Technology Corp HD6417618A Datasheet HTML 441Page - Renesas Technology Corp HD6417618A Datasheet HTML 442Page - Renesas Technology Corp HD6417618A Datasheet HTML 443Page - Renesas Technology Corp HD6417618A Datasheet HTML 444Page - Renesas Technology Corp HD6417618A Datasheet HTML 445Page - Renesas Technology Corp HD6417618A Datasheet HTML 446Page - Renesas Technology Corp HD6417618A Datasheet HTML 447Page - Renesas Technology Corp HD6417618A Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 412 of 610
REJ09B0131-0600
15.7.3
Consecutive Data Writing to HIFRAM by External Device
Figure 15.6 shows the timing chart for consecutive data transfer from an external device to
HIFRAM. As shown in this timing chart, by setting the start address and the data to be written
first, consecutive data transfer can subsequently be performed.
HIFCS
HIFRS
HIFRD
HIFWR
HIFD15 to HIFD00
0016
AHAL
0018
D0D1
001A
D2D3
000A
00A0
0018
D4D5
D8D9
D6D7
High level
HIFADR setting
[15:8] = AH
[7:0] = AL
Data for first write operation
set in HIFDATA
[31:24] = D0, [23:16] = D1,
[15:8] = D2, [7:0] = D3
HIFMCR setting
Consecutive write
Auto-increment
HIFDATA
selection
Consecutive data writing
Figure 15.6 Consecutive Data Writing to HIFRAM
15.7.4
Consecutive Data Reading from HIFRAM to External Device
Figure 15.7 shows the timing chart for consecutive data reading from HIFRAM to an external
device. As this timing chart indicates, by setting the start address, data can subsequently be read
out consecutively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com