Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 482Page - Renesas Technology Corp HD6417618A Datasheet HTML 483Page - Renesas Technology Corp HD6417618A Datasheet HTML 484Page - Renesas Technology Corp HD6417618A Datasheet HTML 485Page - Renesas Technology Corp HD6417618A Datasheet HTML 486Page - Renesas Technology Corp HD6417618A Datasheet HTML 487Page - Renesas Technology Corp HD6417618A Datasheet HTML 488Page - Renesas Technology Corp HD6417618A Datasheet HTML 489Page - Renesas Technology Corp HD6417618A Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 646 page
background image
Section 16 Pin Function Controller (PFC)
Rev. 6.00 Jun. 12, 2007 Page 454 of 610
REJ09B0131-0600
Bit
Bit Name
Initial Value
R/W
Description
10
PE5MD0
0
(non-HIF boot
mode)
1
(HIF boot
mode)
R/W
PE5 Mode
Selects the function of pin PE05/
HIFRD.
0: PE05 input/output (port)
1:
HIFRD input (HIF)
9
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
8
PE4MD0
0
(non-HIF boot
mode)
1
(HIF boot
mode)
R/W
PE4 Mode
Selects the function of pin PE04/
HIFINT.
0: PE04 input/output (port)
1:
HIFINT output (HIF)
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6
PE3MD0
1
R/W
PE3 Mode
Selects the function of pin PE03/HIFMD.
0: PE03 input/output (port)
1: HIFMD input (HIF)
5
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
4
PE2MD0
0
(non-HIF boot
mode)
1
(HIF boot
mode)
R/W
PE2 Mode
Selects the function of pin PE02/HIFDREQ.
0: PE02 input/output (port)
1: HIFDREQ output (HIF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com