Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 486Page - Renesas Technology Corp HD6417618A Datasheet HTML 487Page - Renesas Technology Corp HD6417618A Datasheet HTML 488Page - Renesas Technology Corp HD6417618A Datasheet HTML 489Page - Renesas Technology Corp HD6417618A Datasheet HTML 490Page - Renesas Technology Corp HD6417618A Datasheet HTML 491Page - Renesas Technology Corp HD6417618A Datasheet HTML 492Page - Renesas Technology Corp HD6417618A Datasheet HTML 493Page - Renesas Technology Corp HD6417618A Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 646 page
background image
Section 17 I/O Ports
Rev. 6.00 Jun. 12, 2007 Page 458 of 610
REJ09B0131-0600
When the pin function is general output port, if the value is written to PADRH, the value is output
from the pin; if PADRH is read, the value written to the register is directly read regardless of the
pin state.
When the pin function is general input port, not the value of register but pin state is directly read if
PADRH is read. Data can be written to PADRH but no effect on the pin state. Table 17.1 shows
the reading/writing function of the port A data register H.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 10
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
9
PA25DR
0
R/W
See table 17.1.
8
PA24DR
0
R/W
7
PA23DR
0
R/W
6
PA22DR
0
R/W
5
PA21DR
0
R/W
4
PA20DR
0
R/W
3
PA19DR
0
R/W
2
PA18DR
0
R/W
1
PA17DR
0
R/W
0
PA16DR
0
R/W
Table 17.1
Port A Data Register H (PADRH) Read/Write Operation
• Bits 9 to 0 in PADRH
Pin Function
PAIORH
Read
Write
General input
0
Pin state
Data can be written to PADRH but no effect on
the pin state.
General output
1
PADRH value
Written value is output from the pin.
Other functions
*
PADRH value
Data can be written to PADRH but no effect on
the pin state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com