Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 491 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 487Page - Renesas Technology Corp HD6417618A Datasheet HTML 488Page - Renesas Technology Corp HD6417618A Datasheet HTML 489Page - Renesas Technology Corp HD6417618A Datasheet HTML 490Page - Renesas Technology Corp HD6417618A Datasheet HTML 491Page - Renesas Technology Corp HD6417618A Datasheet HTML 492Page - Renesas Technology Corp HD6417618A Datasheet HTML 493Page - Renesas Technology Corp HD6417618A Datasheet HTML 494Page - Renesas Technology Corp HD6417618A Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 646 page
background image
Section 17 I/O Ports
Rev. 6.00 Jun. 12, 2007 Page 459 of 610
REJ09B0131-0600
17.2
Port B
Port B of this LSI is an I/O port with 14 pins as shown in figure 17.2.
PB09 (input/output)/
CE2A (output)
PB08 (input/output)/
CS6B (output)/CE1B (output)
PB07 (input/output)/
CE2B (output)
PB06 (input/output)/
ICIOWR (output)
PB05 (input/output)/
ICIORD (output)
PB02 (input/output)/CKE (output)
PB03 (input/output)/
CAS (output)
PB04 (input/output)/
RAS (output)
PB01 (input/output)/
IOIS16 (input)
PB00 (input/output)/
WAIT (input)
PB10 (input/output)/
CS5B (output)/CE1A (output)
PB11 (input/output)/
CS4 (output)
PB12 (input/output)/
CS3 (output)
PB13 (input/output)/
BS (output)
Port B
Figure 17.2 Port B
17.2.1
Register Description
Port B is a 14-bit I/O port that has a following register. For details on the address of this register
and the states of this register in each processing state, see section 20, List of Registers.
• Port B data register L (PBDRL)
17.2.2
Port B Data Register L (PBDRL)
PBDRL is a 16-bit readable/writable register which stores data for port B. Bits PB13DR to
PB0DR correspond to pins PB13 to PB00. (Description of multiplexed functions is omitted.)
When the pin function is general output port, if the value is written to PBDRL, the value is output
from the pin; if PBDRL is read, the value written to the register is directly read regardless of the
pin state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com