Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 516 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 512Page - Renesas Technology Corp HD6417618A Datasheet HTML 513Page - Renesas Technology Corp HD6417618A Datasheet HTML 514Page - Renesas Technology Corp HD6417618A Datasheet HTML 515Page - Renesas Technology Corp HD6417618A Datasheet HTML 516Page - Renesas Technology Corp HD6417618A Datasheet HTML 517Page - Renesas Technology Corp HD6417618A Datasheet HTML 518Page - Renesas Technology Corp HD6417618A Datasheet HTML 519Page - Renesas Technology Corp HD6417618A Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 646 page
background image
Section 18 User Break Controller (UBC)
Rev. 6.00 Jun. 12, 2007 Page 484 of 610
REJ09B0131-0600
18.3
Operation
18.3.1
Flow of User Break Operation
The flow from setting of break conditions to user break exception processing is described below:
1. The break addresses are set in the break address registers (BARA and BARB). The masked
addresses are set in the break address mask registers (BAMRA and BAMRB). The break data
is set in the break data register (BDRB). The masked data is set in the break data mask register
(BDMRB). The bus break conditions are set in the break bus cycle registers (BBRA and
BBRB). There are three control bit combinations in both BBRA and BBRB: bits to select L-
bus cycle or I-bus cycle, bits to select instruction fetch or data access, and bits to select read or
write. No user break will be generated if one of these combinations is set to B'00. The
respective conditions are set in the bits of the break control register (BRCR). Make sure to set
all registers related to breaks before setting BBRA/BBRB.
2. When the break conditions are satisfied, the UBC sends a user break request to the CPU and
sets the L bus condition match flag (SCMFCA or SCMFCB) and the I bus condition match
flag (SCMFDA or SCMFDB) for the appropriate channel.
3. The appropriate condition match flags (SCMFCA, SCMFDA, SCMFCB, and SCMFDB) can
be used to check if the set conditions match or not. The matching of the conditions sets flags.
Reset the flags by writing 0 before they are used again.
4. There is a chance that the data access break and its following instruction fetch break occur
around the same time, there will be only one break request to the CPU, but these two break
channel match flags could be both set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com