Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 533Page - Renesas Technology Corp HD6417618A Datasheet HTML 534Page - Renesas Technology Corp HD6417618A Datasheet HTML 535Page - Renesas Technology Corp HD6417618A Datasheet HTML 536Page - Renesas Technology Corp HD6417618A Datasheet HTML 537Page - Renesas Technology Corp HD6417618A Datasheet HTML 538Page - Renesas Technology Corp HD6417618A Datasheet HTML 539Page - Renesas Technology Corp HD6417618A Datasheet HTML 540Page - Renesas Technology Corp HD6417618A Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 646 page
background image
Section 19 User Debugging Interface (H-UDI)
Rev. 6.00 Jun. 12, 2007 Page 505 of 610
REJ09B0131-0600
19.4.2
Reset Configuration
Table 19.4
Reset Configuration
ASEMD*1
RES
TRST
LSI State
High
Low
Low
Normal reset and H-UDI reset
High
Normal reset
High
Low
H-UDI reset only
High
Normal operation
Low
Low
Low
Reset hold*
2
High
Normal reset
High
Low
H-UDI reset only
High
Normal operation
Notes: 1. Selects to normal mode or ASE mode.
ASEMD0 = high: normal mode
ASEMD0 = low: ASE mode
2. In ASE mode, the reset hold state is entered by driving the
RES and TRST pins low for
the given time. In this state, the CPU does not start up, even if the
RES pin is driven
high. After that, when the
TRST pin is driven high, H-UDI operation is enabled, but the
CPU does not start up. The reset hold state is canceled by the following: another
RES
assert (power-on reset) or
TRST reassert.
19.4.3
TDO Output Timing
The timing of data output from the TDO differs according to the command type set in SDIR. The
timing changes at the TCK falling edge when JTAG commands (EXTEST, CLAMP, HIGHZ,
SAMPLE/PRELOAD, IDCODE, and BYPASS) are set. This is a timing of the JTAG standard.
When the H-UDI commands (H-UDI reset negate, H-UDI reset assert, and H-UDI interrupt) are
set, the TDO signal is output at the TCK rising edge earlier than the JTAG standard by a half
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com