Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 535Page - Renesas Technology Corp HD6417618A Datasheet HTML 536Page - Renesas Technology Corp HD6417618A Datasheet HTML 537Page - Renesas Technology Corp HD6417618A Datasheet HTML 538Page - Renesas Technology Corp HD6417618A Datasheet HTML 539Page - Renesas Technology Corp HD6417618A Datasheet HTML 540Page - Renesas Technology Corp HD6417618A Datasheet HTML 541Page - Renesas Technology Corp HD6417618A Datasheet HTML 542Page - Renesas Technology Corp HD6417618A Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 646 page
background image
Section 19 User Debugging Interface (H-UDI)
Rev. 6.00 Jun. 12, 2007 Page 507 of 610
REJ09B0131-0600
19.5
Boundary Scan
A command can be set in SDIR by the H-UDI to place the H-UDI pins in boundary scan mode
stipulated by JTAG.
19.5.1
Supported Instructions
This LSI supports the three mandatory instructions defined in the JTAG standard (BYPASS,
SAMPLE/PRELOAD, and EXTEST) and three option instructions (IDCODE, CLAMP, and
HIGHZ).
BYPASS: The BYPASS instruction is a mandatory instruction that operates the bypass register.
This instruction shortens the shift path to speed up serial data transfer involving other chips on the
printed circuit board. While this instruction is executing, the test circuit has no effect on the
system circuits. The upper four bits of the instruction code are 1111.
SAMPLE/PRELOAD: The SAMPLE/PRELOAD instruction inputs data from this LSI's internal
circuitry to the boundary scan register, outputs data from the scan path, and loads data onto the
scan path. While this instruction is executed, signals input to this LSI pins are transmitted directly
to the internal circuitry, and internal circuit outputs are directly output externally from the output
pins. This LSI's system circuits are not affected by execution of this instruction. The upper four
bits of the instruction code are 0100.
In a SAMPLE operation, a snapshot of a value to be transferred from an input pin to the internal
circuitry, or a value to be transferred from the internal circuitry to an output pin, is latched into the
boundary scan register and read from the scan path. Snapshot latching is performed in
synchronization with the rising edge of the TCK signal in the Capture-DR state. Snapshot latching
does not affect normal operation of this LSI.
In a PRELOAD operation, an initial value is set in the parallel output latch of the boundary scan
register from the scan path prior to the EXTEST instruction. Without a PRELOAD operation,
when the EXTEST instruction was executed an undefined value would be output from the output
pin until completion of the initial scan sequence (transfer to the output latch) (with the EXTEST
instruction, the parallel output latch value is constantly output to the output pin).
EXTEST: This instruction is provided to test external circuitry when this LSI is mounted on a
printed circuit board. When this instruction is executed, output pins are used to output test data
(previously set by the SAMPLE/PRELOAD instruction) from the boundary scan register to the
printed circuit board, and input pins are used to latch test results into the boundary scan register
from the printed circuit board. If testing is carried out by using the EXTEST instruction N times,
the Nth test data is scanned-in when test data (N-1) is scanned out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com