Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 542 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 542 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 538Page - Renesas Technology Corp HD6417618A Datasheet HTML 539Page - Renesas Technology Corp HD6417618A Datasheet HTML 540Page - Renesas Technology Corp HD6417618A Datasheet HTML 541Page - Renesas Technology Corp HD6417618A Datasheet HTML 542Page - Renesas Technology Corp HD6417618A Datasheet HTML 543Page - Renesas Technology Corp HD6417618A Datasheet HTML 544Page - Renesas Technology Corp HD6417618A Datasheet HTML 545Page - Renesas Technology Corp HD6417618A Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 646 page
background image
Section 20 List of Registers
Rev. 6.00 Jun. 12, 2007 Page 510 of 610
REJ09B0131-0600
20.1
Register Addresses (Address Order)
Entries under Access size indicates numbers of bits.
The number of access cycles indicate the number of cycles of the given reference clock. B, W, and
L indicate values for 8-, 16-, and 32-bit accesses, respectively.
Note:
Access to undefined or reserved addresses is prohibited. Since operation or continued
operation is not guaranteed when these registers are accessed, do not attempt such access.
Register Name
Abbreviation
No. of Bits
Address
Module
Access Size
Cache Control Register 3
CCR3*
2
32
H'F80000B4
Cache
32
Port A data register H
PADRH
16
H'F8050000
I/O
8/16
Port A IO register H
PAIORH
16
H'F8050004
I/O
8/16
Port A control register H1
PACRH1
16
H'F8050008
I/O
8/16
Port A control register H2
PACRH2
16
H'F805000A
I/O
8/16
Port B data register L
PBDRL
16
H'F8050012
I/O
8/16
Port B IO register L
PBIORL
16
H'F8050016
I/O
8/16
Port B control register L1
PBCRL1
16
H'F805001C
I/O
8/16
Port B control register L2
PBCRL2
16
H'F805001E
I/O
8/16
Port C data register H
PCDRH
16
H'F8050020
I/O
8/16
Port C data register L
PCDRL
16
H'F8050022
I/O
8/16
Port C IO register H
PCIORH
16
H'F8050024
I/O
8/16
Port C IO register L
PCIORL
16
H'F8050026
I/O
8/16
Port C control register H2
PCCRH2
16
H'F805002A
I/O
8/16
Port C control register L1
PCCRL1
16
H'F805002C
I/O
8/16
Port C control register L2
PCCRL2
16
H'F805002E
I/O
8/16
Port D data register L
PDDRL
16
H'F8050032
I/O
8/16
Port D IO register L
PDIORL
16
H'F8050036
I/O
8/16
Port D control register L2
PDCRL2
16
H'F805003E
I/O
8/16
Port E data register H
PEDRH
16
H'F8050040
I/O
8/16
Port E data register L
PEDRL
16
H'F8050042
I/O
8/16
Port E IO register H
PEIORH
16
H'F8050044
I/O
8/16
Port E IO register L
PEIORL
16
H'F8050046
I/O
8/16
Port E control register H1
PECRH1
16
H'F8050048
I/O
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com