Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 546 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 546 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 542Page - Renesas Technology Corp HD6417618A Datasheet HTML 543Page - Renesas Technology Corp HD6417618A Datasheet HTML 544Page - Renesas Technology Corp HD6417618A Datasheet HTML 545Page - Renesas Technology Corp HD6417618A Datasheet HTML 546Page - Renesas Technology Corp HD6417618A Datasheet HTML 547Page - Renesas Technology Corp HD6417618A Datasheet HTML 548Page - Renesas Technology Corp HD6417618A Datasheet HTML 549Page - Renesas Technology Corp HD6417618A Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 646 page
background image
Section 20 List of Registers
Rev. 6.00 Jun. 12, 2007 Page 514 of 610
REJ09B0131-0600
Register Name
Abbreviation
No. of Bits
Address
Module
Access Size
E-DMAC receive request register
EDRRR
32
H'FB000008
E-DMAC
32
Transmit descriptor list start address
register
TDLAR
32
H'FB00000C
E-DMAC
32
Receive descriptor list start address
register
RDLAR
32
H'FB000010
E-DMAC
32
EthetC/E-DMAC status register
EESR
32
H'FB000014
E-DMAC
32
EthetC/E-DMAC status interrupt
permission register
EESIPR
32
H'FB000018
E-DMAC
32
Transmit/receive status copy enable
register
TRSCER
32
H'FB00001C
E-DMAC
32
Receive missed-frame counter
register
RMFCR
32
H'FB000020
E-DMAC
32
Transmit FIFO threshold register
TFTR
32
H'FB000024
E-DMAC
32
FIFO depth register
FDR
32
H'FB000028
E-DMAC
32
Receiving method control register
RMCR
32
H'FB00002C
E-DMAC
32
E-DMAC operation control register
EDOCR
32
H'FB000030
E-DMAC
32
Flow control FIFO threshold register
FCFTR
32
H'FB000034
E-DMAC
32
Transmit Interrupt setting register
TRIMD
32
H'FB00003C
E-DMAC
32
Receive buffer write address register
RBWAR
32
H'FB000040
E-DMAC
32
Receive descriptor fetch address
register
RDFAR
32
H'FB000044
E-DMAC
32
Transmit buffer read address register TBRAR
32
H'FB00004C
E-DMAC
32
Transmit descriptor fetch address
register
TDFAR
32
H'FB000050
E-DMAC
32
EtherC mode register
ECMR
32
H'FB000160
EtherC
32
EtherC status register
ECSR
32
H'FB000164
EtherC
32
EtherC interrupt permission register
ECSIPR
32
H'FB000168
EtherC
32
PHY interface register
PIR
32
H'FB00016C
EtherC
32
MAC address high register
MAHR
32
H'FB000170
EtherC
32
MAC address low register
MALR
32
H'FB000174
EtherC
32
Receive frame length register
RFLR
32
H'FB000178
EtherC
32
PHY status register
PSR
32
H'FB00017C
EtherC
32
Transmit retry over counter register
TROCR
32
H'FB000180
EtherC
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com