Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 573 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 573 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 569Page - Renesas Technology Corp HD6417618A Datasheet HTML 570Page - Renesas Technology Corp HD6417618A Datasheet HTML 571Page - Renesas Technology Corp HD6417618A Datasheet HTML 572Page - Renesas Technology Corp HD6417618A Datasheet HTML 573Page - Renesas Technology Corp HD6417618A Datasheet HTML 574Page - Renesas Technology Corp HD6417618A Datasheet HTML 575Page - Renesas Technology Corp HD6417618A Datasheet HTML 576Page - Renesas Technology Corp HD6417618A Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 541 of 610
REJ09B0131-0600
The time over which the internal state is undefined means the time taken to reach V
CC (min.).
The pin states become settled when V
CCQ reached the VCCQ (min.). The timing when a power-on
reset (
RES) is normally accepted is after V
CC reaches VCC (min.) and oscillation becomes stable
(when using the on-chip oscillator).
Ensure that the time over which the internal state is undefined is less than or equal to 100 ms.
• Power-off order
 In the reverse order of power-on, first turn off the 1.5-V system power, then turn off the
3.3-V system power within 10 ms. This time should be as short as possible. The system
design must ensure that the states of pins or undefined period of an internal state do not
cause erroneous system operation.
 Pin states are undefined while only the 1.5-V system power is turned off. The system
design must ensure that these undefined states do not cause erroneous system operation.
VccQ : 3.3-V system power
Vcc : 1.5-V system power
t
PWD
GND
Operation stopped
Normal operation period
Vcc/2
Table 21.3
Recommended Timing in Power-Off
Item
Symbol
Maximum Value
Unit
Time difference between turning off V
CCQ and VCC
t
PWD
10
ms
Note:
*
The table shown above is recommended values, so they represent guidelines rather
than strict requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com