Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 572Page - Renesas Technology Corp HD6417618A Datasheet HTML 573Page - Renesas Technology Corp HD6417618A Datasheet HTML 574Page - Renesas Technology Corp HD6417618A Datasheet HTML 575Page - Renesas Technology Corp HD6417618A Datasheet HTML 576Page - Renesas Technology Corp HD6417618A Datasheet HTML 577Page - Renesas Technology Corp HD6417618A Datasheet HTML 578Page - Renesas Technology Corp HD6417618A Datasheet HTML 579Page - Renesas Technology Corp HD6417618A Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 646 page
background image
Section 21 Electrical Characteristics
Rev. 6.00 Jun. 12, 2007 Page 544 of 610
REJ09B0131-0600
Table 21.5
Permissible Output Currents
Conditions: V
CCQ = 3.0 V to 3.6 V, VCC = 1.4 V to 1.6 V,
T
a = –20°C to +75°C (regular specifications),
T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Permissible output low current (per pin)
I
OL
2.0
mA
Permissible output low current (total)
ΣI
OL
120
mA
Permissible output high current (per pin)
–I
OH
2.0
mA
Permissible output high current (total)
Σ–I
OH
40
mA
Caution:
To protect the LSI's reliability, do not exceed the output current values in table 21.5.
21.4
AC Characteristics
Signals input to this LSI are basically handled as signals synchronized with the clock. Unless
otherwise noted, setup and hold times for individual signals must be followed.
Table 21.6
Maximum Operating Frequency
Conditions: V
CCQ = 3.0 V to 3.6 V, VCC = 1.4 V to 1.6 V,
T
a = –20°C to +75°C (regular specifications),
T
a = -40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
CPU, cache (I
φ)
f
20
100
MHz
External bus (B
φ)
20
50
Operating
frequency
On-chip
peripheral module
(P
φ)
5
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com