Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 167Page - Renesas Technology Corp HD6417618A Datasheet HTML 168Page - Renesas Technology Corp HD6417618A Datasheet HTML 169Page - Renesas Technology Corp HD6417618A Datasheet HTML 170Page - Renesas Technology Corp HD6417618A Datasheet HTML 171Page - Renesas Technology Corp HD6417618A Datasheet HTML 172Page - Renesas Technology Corp HD6417618A Datasheet HTML 173Page - Renesas Technology Corp HD6417618A Datasheet HTML 174Page - Renesas Technology Corp HD6417618A Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 139 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
RRC2
RRC1
RRC0
0
0
0
R/W
R/W
R/W
Refresh Count
Specify the number of consecutive refresh cycles, when
the refresh request occurs after the coincidence of the
values of the refresh timer counter (RTCNT) and the
refresh time constant register (RTCOR). Using
consecutive refresh cycles can prolong cycles between
refreshing.
000: Once
001: Twice
010: 4 times
011: 6 times
100: 8 times
101: Reserved (setting prohibited)
110: Reserved (setting prohibited)
111: Reserved (setting prohibited)
7.4.6
Refresh Timer Counter (RTCNT)
RTCNT is an 8-bit counter that increments using the clock selected by bits CKS2 to CKS0 in
RTCSR. When RTCNT matches RTCOR, RTCNT is cleared to 0. The value in RTCNT returns
to 0 after counting up to 255. When RTCNT is written to, the upper 16 bits of the write data must
be H'A55A to cancel write protection.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7 to 0
All 0
R/W
8-bit Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com