Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 169Page - Renesas Technology Corp HD6417618A Datasheet HTML 170Page - Renesas Technology Corp HD6417618A Datasheet HTML 171Page - Renesas Technology Corp HD6417618A Datasheet HTML 172Page - Renesas Technology Corp HD6417618A Datasheet HTML 173Page - Renesas Technology Corp HD6417618A Datasheet HTML 174Page - Renesas Technology Corp HD6417618A Datasheet HTML 175Page - Renesas Technology Corp HD6417618A Datasheet HTML 176Page - Renesas Technology Corp HD6417618A Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 141 of 610
REJ09B0131-0600
7.5
Operation
7.5.1
Endian/Access Size and Data Alignment
This LSI supports big endian, in which the most significant byte (MSByte) of multiple byte data is
stored in the lower address, and little endian, in which the least significant byte (LSByte) of
multiple byte data is stored in the lower address. Endian is specified at a power-on reset by the
external pin (MD5). When pin MD5 is driven low at a power-on reset, the endian will become big
endian and when pin MD5 is driven high at a power-on reset, the endian will become little endian.
Two data bus widths (8 bits and 16 bits) are available for normal memory and byte-selection
SRAM. Only 16-bit data bus width is available for SDRAM. Two data bus widths (8 bits and 16
bits) are available for PCMCIA interface. Data alignment is performed in accordance with the data
bus width of the device and endian. This also means that when longword data is read from a
byte-width device, the read operation must be done four times. In this LSI, data alignment and
conversion of data length is performed automatically between the respective interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com