Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 178Page - Renesas Technology Corp HD6417618A Datasheet HTML 179Page - Renesas Technology Corp HD6417618A Datasheet HTML 180Page - Renesas Technology Corp HD6417618A Datasheet HTML 181Page - Renesas Technology Corp HD6417618A Datasheet HTML 182Page - Renesas Technology Corp HD6417618A Datasheet HTML 183Page - Renesas Technology Corp HD6417618A Datasheet HTML 184Page - Renesas Technology Corp HD6417618A Datasheet HTML 185Page - Renesas Technology Corp HD6417618A Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 150 of 610
REJ09B0131-0600
7.5.3
Access Wait Control
Wait cycle insertion on a normal space access can be controlled by the settings of bits WR3 to
WR0 in CSnWCR. It is possible for areas 4, 5A, and 5B to insert wait cycles independently in
read access and in write access. The areas other than 4, 5A, and 5B have the same access wait for
read cycle and write cycle. The specified number of Tw cycles is inserted as wait cycles in a
normal space access shown in figure 7.9.
T1
CKIO
A25 to A0
CSn
RD/
WR
RD
D15 to D0
D15 to D0
WEn(BEn)
BS
Tw
Read
Write
T2
Figure 7.8 Wait Timing for Normal Space Access (Software Wait Only)
When the WM bit in CSnWCR is cleared to 0, the external wait signal (
WAIT) is also sampled.
The
WAIT pin sampling is shown in figure 7.9. In this example, two wait cycles are inserted as
software wait. The
WAIT signal is sampled at the falling edge of the CKIO signal in the cycle
immediately before the T2 cycle (T1 or Tw cycle).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com