| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 185 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 185 Page - Renesas Technology Corp |
|
185 / 646 page ![]() Section 7 Bus State Controller (BSC) Rev. 6.00 Jun. 12, 2007 Page 153 of 610 REJ09B0131-0600 7.5.5 SDRAM Interface SDRAM Direct Connection: The SDRAM that can be connected to this LSI is a product that has 11/12/13 bits of row address, 8/9/10 bits of column address, 4 or less banks, and uses the A10 pin for setting precharge mode in read and write command cycles. The control signals for direct connection of SDRAM are RAS, CAS, RD/WR, DQMLU, DQMLL, CKE, and CS3. Signals other than CKE are valid when CS3 is asserted. SDRAM can be connected to area 2. The data bus width of the area that is connected to SDRAM can be set to 16 bits. Burst read/single write (burst length 1) and burst read/burst write (burst length 1) are supported as the SDRAM operating mode. Commands for SDRAM can be specified by RAS, CAS, RD/WR, and specific address signals. These commands are shown below. • NOP • Auto-refreshing (REF) • Self-refreshing (SELF) • All banks precharge (PALL) • Specified bank precharge (PRE) • Bank active (ACTV) • Read (READ) • Read with precharge (READA) • Write (WRIT) • Write with precharge (WRITA) • Write mode register (MRS) The byte to be accessed is specified by DQMLU and DQMLL. Reading or writing is performed for a byte whose corresponding DQMxx is low. For details on the relationship between DQMxx and the byte to be accessed, refer to section 7.5.1, Endian/Access Size and Data Alignment. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |