Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 183Page - Renesas Technology Corp HD6417618A Datasheet HTML 184Page - Renesas Technology Corp HD6417618A Datasheet HTML 185Page - Renesas Technology Corp HD6417618A Datasheet HTML 186Page - Renesas Technology Corp HD6417618A Datasheet HTML 187Page - Renesas Technology Corp HD6417618A Datasheet HTML 188Page - Renesas Technology Corp HD6417618A Datasheet HTML 189Page - Renesas Technology Corp HD6417618A Datasheet HTML 190Page - Renesas Technology Corp HD6417618A Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 155 of 610
REJ09B0131-0600
Table 7.10
Relationship between Register Settings and Address Multiplex Output (1)
Conditions: One 16-Mbit product (512 kwords x 16 bits x 2 banks, 8-bit column product) is
connected with A3BSZ[1:0] = 10 (16-bit data bus width), A3ROW[1:0] = 00 (11-bit
row address), and A3COL[1:0] = 00 (8-bit column address).
Pins of this LSI
Output Row
Address
Output Column
Address
Pins of SDRAM Function
A17
A25
A17
Unused
A16
A24
A16
A15
A23
A15
A14
A22
A14
A13
A21
A21
A12
A20*
2
A20*
2
A11 (BA0)
Specifies bank
A11
A19
L/H*
1
A10/AP
Specifies
address/precharge
A10
A18
A10
A9
Address
A9
A17
A9
A8
A8
A16
A8
A7
A7
A15
A7
A6
A6
A14
A6
A5
A5
A13
A5
A4
A4
A12
A4
A3
A3
A11
A3
A2
A2
A10
A2
A1
A1
A9
A1
A0
A0
A8
A0
Unused
Notes: 1. L/H is a bit used in the command specification; it is fixed low or high according to the
access mode.
2. Bank address specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com