Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 202Page - Renesas Technology Corp HD6417618A Datasheet HTML 203Page - Renesas Technology Corp HD6417618A Datasheet HTML 204Page - Renesas Technology Corp HD6417618A Datasheet HTML 205Page - Renesas Technology Corp HD6417618A Datasheet HTML 206Page - Renesas Technology Corp HD6417618A Datasheet HTML 207Page - Renesas Technology Corp HD6417618A Datasheet HTML 208Page - Renesas Technology Corp HD6417618A Datasheet HTML 209Page - Renesas Technology Corp HD6417618A Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 174 of 610
REJ09B0131-0600
A25 to A0
CSn
RD/
WR
BS
Tpw
Tp
Tc1
Tr
RAS
DQMxx
CAS
CKIO
D15 to D0
A11*
Note: * Address pin to be connected to pin A10 of SDRAM.
Figure 7.22 Single Write Timing (Bank Active, Different Row Addresses)
Refreshing: This LSI has a function for controlling synchronous DRAM refreshing.
Auto-refreshing can be performed by clearing the RMODE bit to 0 and setting the RFSH bit to 1
in SDCR. A consecutive refreshing can be performed by setting bits RRC2 to RRC0 in RTCSR. If
synchronous DRAM is not accessed for a long period, self-refreshing mode, in which the power
consumption for data retention is low, can be activated by setting both the RMODE bit and the
RFSH bit to 1.
1. Auto-refreshing
Refreshing is performed at intervals determined by the input clock selected by bits CKS2 to
CKS0 in RTCSR, and the value set by in RTCOR. The value of bits CKS[2:0] in RTCOR
should be set so as to satisfy the given refresh interval for the synchronous DRAM used. First
make the settings for RTCOR, RTCNT, and the RMODE, then make the CKS[2:0] and
RRC[2:0] settings. When the clock is selected by bits CKS[2:0], RTCNT starts counting up
from the value at that time. The RTCNT value is constantly compared with the RTCOR value,
and if the two values are the same, a refresh request is generated and an auto-refreshing is
performed for the number of times specified by the RRC[2:0]. At the same time, RTCNT is
cleared to 0 and the count-up is restarted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com