Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 203Page - Renesas Technology Corp HD6417618A Datasheet HTML 204Page - Renesas Technology Corp HD6417618A Datasheet HTML 205Page - Renesas Technology Corp HD6417618A Datasheet HTML 206Page - Renesas Technology Corp HD6417618A Datasheet HTML 207Page - Renesas Technology Corp HD6417618A Datasheet HTML 208Page - Renesas Technology Corp HD6417618A Datasheet HTML 209Page - Renesas Technology Corp HD6417618A Datasheet HTML 210Page - Renesas Technology Corp HD6417618A Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 175 of 610
REJ09B0131-0600
Figure 7.23 shows the auto-refreshing cycle timing. After starting the auto-refreshing, PALL
command is issued in the Tp cycle to make all the banks to precharged state from active state
when some bank is being precharged. Then the REF command is issued in the Trr cycle after
inserting idle cycles of which number is specified by bits WTRP1 and WTRP0 in CSnWCR. A
new command is not issued for the duration of the number of cycles specified by bits WTRC1
and WTRC0 in CSnWCR after the Trr cycle. Bits WTRC1 and WTRC0 in CSnWCR must be
set so as to satisfy the SDRAM refreshing cycle time (tRC). A Tpw cycle is inserted between
the Tp cycle and Trr cycle when the setting of bits WTRP1 and WTRP0 in CSnWCR is longer
than or equal to one cycle.
A25 to A0
CSn
RD/
WR
BS
Tpw
Tp
Trr
Trc
Trc
Trc
Hi-z
RAS
DQMxx
CAS
CKIO
D15 to D0
A11*
Note: * Address pin to be connected to pin A10 of SDRAM.
Figure 7.23 Auto-Refreshing Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com