Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 213Page - Renesas Technology Corp HD6417618A Datasheet HTML 214Page - Renesas Technology Corp HD6417618A Datasheet HTML 215Page - Renesas Technology Corp HD6417618A Datasheet HTML 216Page - Renesas Technology Corp HD6417618A Datasheet HTML 217Page - Renesas Technology Corp HD6417618A Datasheet HTML 218Page - Renesas Technology Corp HD6417618A Datasheet HTML 219Page - Renesas Technology Corp HD6417618A Datasheet HTML 220Page - Renesas Technology Corp HD6417618A Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 185 of 610
REJ09B0131-0600
Basic Timing for Memory Card Interface: Figure 7.31 shows the basic timing of the PCMCIA
IC memory card interface. If areas 5 and 6 in the physical space are specified as the PCMCIA
interface, accessing the common memory areas in areas 5 and 6 automatically accesses with the IC
memory card interface. If the external bus frequency (CKIO) increases, the setup times and hold
times for the address pins (A25 to A0), card enable signals (
CE1A, CE2A, CE1B, CE2B), and
write data (D15 to D0) to the
RD and WE signals become insufficient. To prevent this error, this
LSI can specify the setup times and hold times for areas 5 and 6 in the physical space
independently, using CS5BWCR and CS6BWCR. In the PCMCIA interface, as in the normal
space interface, a software wait or hardware wait can be inserted using the
WAIT pin. Figure 7.32
shows the PCMCIA memory bus wait timing.
Tpcm1w
CKIO
A25 to A0
CExx
RD/
WR
RD
D15 to D0
WE
D15 to D0
BS
Read
Write
Tpcm2
Tpcm1
Tpcm1w
Tpcm1w
Figure 7.31 Basic Access Timing for PCMCIA Memory Card Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com