Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 215Page - Renesas Technology Corp HD6417618A Datasheet HTML 216Page - Renesas Technology Corp HD6417618A Datasheet HTML 217Page - Renesas Technology Corp HD6417618A Datasheet HTML 218Page - Renesas Technology Corp HD6417618A Datasheet HTML 219Page - Renesas Technology Corp HD6417618A Datasheet HTML 220Page - Renesas Technology Corp HD6417618A Datasheet HTML 221Page - Renesas Technology Corp HD6417618A Datasheet HTML 222Page - Renesas Technology Corp HD6417618A Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 187 of 610
REJ09B0131-0600
PCMCIA interface area is 32 Mbytes (An I/O port pin is used as the
REG)
Area 5 : H'14000000
Attribute memory/common memory
I/O space
Attribute memory/common memory
I/O space
Area 5 : H'16000000
Area 6 : H'18000000
Area 6 : H'1A000000
PCMCIA interface area is 16 Mbytes (A24 is used as the
REG)
Area 5 : H'14000000
Attribute memory
I/O space
Area 5 : H'15000000
Area 5 : H'16000000
H'17000000
Area 6 : H'18000000
Area 6 : H'19000000
Area 6 : H'1A000000
H'1B000000
Common memory
Attribute memory
I/O space
Common memory
Figure 7.33 Example of PCMCIA Space Assignment (CS5BWCR.SA[1:0] = B'10,
CS6BWCR.SA[1:0] = B'10)
Basic Timing for I/O Card Interface: Figures 7.34 and 7.35 show the basic timings for the
PCMCIA I/O card interface.
The I/O card and IC memory card interfaces are specified by an address to be accessed. When
area 5 of the physical space is specified as the PCMCIA and both bits SA1 and SA0 in CS5BWCR
are set to 1, the I/O card interface can automatically be specified by accessing the physical
addresses from H'16000000 to H'17FFFFFF and from H'14000000 to H'15FFFFFF. When area 6
of the physical space is specified as the PCMCIA and both bits SA1 and SA0 in CS6BWCR are
set to 1, the I/O card interface can automatically be specified by accessing the physical addresses
from H'1A000000 to H'1BFFFFFF and from H'18000000 to H'19FFFFFF.
Note that areas to be accessed as the PCMCIA I/O card must be non-cached (space P2).
If the PCMCIA card is accessed as an I/O card in little endian mode, dynamic bus sizing for the
I/O bus can be achieved using the
IOIS16 signal. If the IOIS16 signal is driven high in a word-size
I/O bus cycle while the bus width of area 6 is specified as 16 bits, the bus width is recognized as 8
bits and data is accessed twice in units of eight bits in the I/O bus cycle to be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com