Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 233Page - Renesas Technology Corp HD6417618A Datasheet HTML 234Page - Renesas Technology Corp HD6417618A Datasheet HTML 235Page - Renesas Technology Corp HD6417618A Datasheet HTML 236Page - Renesas Technology Corp HD6417618A Datasheet HTML 237Page - Renesas Technology Corp HD6417618A Datasheet HTML 238Page - Renesas Technology Corp HD6417618A Datasheet HTML 239Page - Renesas Technology Corp HD6417618A Datasheet HTML 240Page - Renesas Technology Corp HD6417618A Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 646 page
background image
Section 8 Clock Pulse Generator (CPG)
Rev. 6.00 Jun. 12, 2007 Page 205 of 610
REJ09B0131-0600
8.6
Notes on Board Design
When Using an External Crystal Resonator: Place the crystal resonator, capacitors CL1 and
CL2, and damping resistor R close to the EXTAL and XTAL pins. To prevent induction from
interfering with correct oscillation, use a common grounding point for the capacitors connected to
the resonator, and do not locate a wiring pattern near these components.
EXTAL
XTAL
This LSI
Avoid crossing
signal lines
CL1
CL2
R
Note : Although the recommended value for CL1 and CL2 is
20pF and the recommended value for R is 0
Ω, the
values should be determined after consultation with
the crystal manufacturer.
Figure 8.2 Points for Attention when Using Crystal Resonator
Bypass Capacitors: Insert a laminated ceramic capacitor as a bypass capacitor for each V
SS/VSSQ
and V
CC/VCCQ pair. Mount the bypass capacitors to the power supply pins, and use components
with a frequency characteristic suitable for the operating frequency of the LSI, as well as a suitable
capacitance value.
• Digital power supply pairs for internal logic
A4-B4, B11-A11, D15-D14, E2-E1, G12-G13, H4-H3, J12-J13, M1-M2, M8-N8, P5-R5
• Power supply pairs for input and output
A1-B1, A7-B7, A15-A14, F15-F14, K1-K2, M12-P14, M15-M14, R1-R2, R10-P10
• Power supply pairs for PLL
N13-N14, N13-P15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com