Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 237Page - Renesas Technology Corp HD6417618A Datasheet HTML 238Page - Renesas Technology Corp HD6417618A Datasheet HTML 239Page - Renesas Technology Corp HD6417618A Datasheet HTML 240Page - Renesas Technology Corp HD6417618A Datasheet HTML 241Page - Renesas Technology Corp HD6417618A Datasheet HTML 242Page - Renesas Technology Corp HD6417618A Datasheet HTML 243Page - Renesas Technology Corp HD6417618A Datasheet HTML 244Page - Renesas Technology Corp HD6417618A Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 646 page
background image
Section 9 Watchdog Timer (WDT)
Rev. 6.00 Jun. 12, 2007 Page 209 of 610
REJ09B0131-0600
9.2
Register Descriptions
The WDT has the following two registers. For details on the addresses of these registers and the
states of these registers in each processing state, see section 20, List of Registers.
• Watchdog timer counter (WTCNT)
• Watchdog timer control/status register (WTCSR)
9.2.1
Watchdog Timer Counter (WTCNT)
WTCNT is an 8-bit readable/writable register that increments on the selected clock. When an
overflow occurs, it generates a reset in watchdog timer mode and an interrupt in interval time
mode. WTCNT is not initialized by an internal power-on reset due to the WDT overflow. WTCNT
is initialized to H'00 by a power-on reset input to the pin and an H-UDI reset.
Use a word access to write to WTCNT, with H'5A in the upper byte. Use a byte access to read
WTCNT.
Note:
The writing method for WTCNT differs from other registers so that the WTCNT value
cannot be changed accidentally. For details, see section 9.2.3, Notes on Register Access.
9.2.2
Watchdog Timer Control/Status Register (WTCSR)
WTCSR is an 8-bit readable/writable register composed of bits to select the clock used for the
counting, bits to select the timer mode and overflow flags, and enable bits.
WTCSR holds its value in the internal reset state due to the WDT overflow. WTCSR is initialized
to H'00 by a power-on reset input to the pin and an H-UDI reset. To use it for counting the clock
settling time when leaving software standby mode, WTCSR holds its value after a counter
overflow.
Use a word access to write to WTCSR, with H'A5 in the upper byte. Use a byte access to read
WTCSR.
Note:
The writing method for WTCNT differs from other registers so that the WTCNT value
cannot be changed accidentally. For details, see section 9.2.3, Notes on Register Access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com