Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 240Page - Renesas Technology Corp HD6417618A Datasheet HTML 241Page - Renesas Technology Corp HD6417618A Datasheet HTML 242Page - Renesas Technology Corp HD6417618A Datasheet HTML 243Page - Renesas Technology Corp HD6417618A Datasheet HTML 244Page - Renesas Technology Corp HD6417618A Datasheet HTML 245Page - Renesas Technology Corp HD6417618A Datasheet HTML 246Page - Renesas Technology Corp HD6417618A Datasheet HTML 247Page - Renesas Technology Corp HD6417618A Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 646 page
background image
Section 9 Watchdog Timer (WDT)
Rev. 6.00 Jun. 12, 2007 Page 212 of 610
REJ09B0131-0600
15
8
7
0
H'5A
Write data
Address: H'F815FF84
WTCNT write
15
8
7
0
H'A5
Write data
Address: H'F815FF86
WTCSR write
Figure 9.2 Writing to WTCNT and WTCSR
9.3
WDT Operation
9.3.1
Canceling Software Standbys
The WDT can be used to cancel software standby mode with an NMI interrupt or external
interrupt (IRQ). The procedure is described below. (The WDT does not run when resets are used
for canceling, so keep the
RES pin low until the clock stabilizes.)
1. Before transition to software standby mode, always clear the TME bit in WTCSR to 0. When
the TME bit is 1, an erroneous reset or interval timer interrupt may be generated when the
count overflows.
2. Set the type of count clock used in the CKS2 to CKS0 bits in WTCSR and the initial values for
the counter in WTCNT. These values should ensure that the time till count overflow is longer
than the clock oscillation settling time.
3. Move to software standby mode by executing a SLEEP instruction to stop the clock.
4. The WDT starts counting by detecting the change of input levels of the NMI or IRQ pin.
5. When the WDT count overflows, the CPG starts supplying the clock and the processor
resumes operation. The WOVF flag in WTCSR is not set when this happens.
6. Since the WDT continues counting from H'00, set the STBY bit in STBCR to 0 in the interrupt
processing program and this will stop the WDT to count. When the STBY bit remains 1, the
LSI again enters software standby mode when the WDT has counted up to H'80. This software
standby mode can be canceled by a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com