Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 239Page - Renesas Technology Corp HD6417618A Datasheet HTML 240Page - Renesas Technology Corp HD6417618A Datasheet HTML 241Page - Renesas Technology Corp HD6417618A Datasheet HTML 242Page - Renesas Technology Corp HD6417618A Datasheet HTML 243Page - Renesas Technology Corp HD6417618A Datasheet HTML 244Page - Renesas Technology Corp HD6417618A Datasheet HTML 245Page - Renesas Technology Corp HD6417618A Datasheet HTML 246Page - Renesas Technology Corp HD6417618A Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 646 page
background image
Section 9 Watchdog Timer (WDT)
Rev. 6.00 Jun. 12, 2007 Page 211 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
These bits select the clock to be used for the
WTCNT count from the eight types obtainable by
dividing the peripheral clock (P
φ). The overflow
period that is shown inside the parenthesis in the
table is the value when the peripheral clock (P
φ) is
25 MHz.
000: P
φ (10 µs)
001: P
φ/4 (41 µs)
010: P
φ/16 (164 µs)
011: P
φ/32 (328 µs)
100: P
φ/64 (655 µs)
101: P
φ/256 (2.62 ms)
110: P
φ/1024 (10.49 ms)
111: P
φ/4096 (41.94 ms)
Note:
If bits CKS2 to CKS0 are modified when the
WDT is operating, the up-count may not be
performed correctly. Ensure that these bits
are modified only when the WDT is not
operating.
9.2.3
Notes on Register Access
The watchdog timer counter (WTCNT) and watchdog timer control/status register (WTCSR) are
more difficult to write to than other registers. The procedure for writing to these registers is given
below.
Writing to WTCNT and WTCSR: These registers must be written by a word transfer
instruction. They cannot be written by a byte or longword transfer instruction. When writing to
WTCNT, set the upper byte to H'5A and transfer the lower byte as the write data, as shown in
figure 9.2. When writing to WTCSR, set the upper byte to H'A5 and transfer the lower byte as the
write data. This transfer procedure writes the lower byte data to WTCNT or WTCSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com