Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 253Page - Renesas Technology Corp HD6417618A Datasheet HTML 254Page - Renesas Technology Corp HD6417618A Datasheet HTML 255Page - Renesas Technology Corp HD6417618A Datasheet HTML 256Page - Renesas Technology Corp HD6417618A Datasheet HTML 257Page - Renesas Technology Corp HD6417618A Datasheet HTML 258Page - Renesas Technology Corp HD6417618A Datasheet HTML 259Page - Renesas Technology Corp HD6417618A Datasheet HTML 260Page - Renesas Technology Corp HD6417618A Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 646 page
background image
Section 10 Power-Down Modes
Rev. 6.00 Jun. 12, 2007 Page 225 of 610
REJ09B0131-0600
WTCNT value
H'FF
H'80
Time
Interrupt
request
WDT overflow and branch to
interrupt handling routine
Crystal oscillator settling
time and PLL synchronization time
Clear bit STBCR.STBY before
WTCNT reaches H'80. When
STBCR.STBY is cleared, WTCNT
halts automatically.
Figure 10.1 Canceling Standby Mode with STBY Bit in STBCR
Canceling with Reset: Software standby mode is canceled by a power-on reset. Keep the
RES pin
low until the clock oscillation settles. The internal clock will continue to be output to the CKIO
pin.
10.6
Module Standby Mode
10.6.1
Transition to Module Standby Mode
Setting the MSTP bits in the standby control registers (STBCR2 to STBCR4) to 1 halts the supply
of clocks to the corresponding on-chip peripheral modules. This function can be used to reduce the
power consumption in normal mode.
In module standby mode, the states of the external pins of the on-chip peripheral modules change
depending on the on-chip peripheral module and port settings. Almost all of the registers retains
its previous state.
10.6.2
Canceling Module Standby Function
The module standby function can be canceled by clearing the MSTP bits in STBCR2 to STBCR4
to 0, or by a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com