Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 257Page - Renesas Technology Corp HD6417618A Datasheet HTML 258Page - Renesas Technology Corp HD6417618A Datasheet HTML 259Page - Renesas Technology Corp HD6417618A Datasheet HTML 260Page - Renesas Technology Corp HD6417618A Datasheet HTML 261Page - Renesas Technology Corp HD6417618A Datasheet HTML 262Page - Renesas Technology Corp HD6417618A Datasheet HTML 263Page - Renesas Technology Corp HD6417618A Datasheet HTML 264Page - Renesas Technology Corp HD6417618A Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 229 of 610
REJ09B0131-0600
11.2
Input/Output Pins
Table 11.1 lists the pin configuration of the EtherC.
Table 11.1
Pin Configuration
Port
Abbreviation
I/O
Function
0
TX-CLK*
Input
Transmit Clock
Timing reference signal for the TX-EN, MII_TXD3 to MII_TXD0,
TX-ER signals
0
RX-CLK*
Input
Receive Clock
Timing reference signal for the RX-DV, MII_RXD3 to MII_RXD0,
RX-ER signals
0
TX-EN*
Output
Transmit Enable
Indicates that transmit data is ready on pins MII_TXD3 to
MII_TXD0.
0
MII_TXD3 to
MII_TXD0*
Output
Transmit Data
4-bit transmit data
0
TX-ER*
Output
Transmit Error
Notifies the PHY-LSI of error during transmission
0
RX-DV*
Input
Receive Data Valid
Indicates that valid receive data is on pins MII_RXD3 to
MII_RXD0.
0
MII_RXD3 to
MII_RXD0*
Input
Receive Data
4-bit receive data
0
RX-ER*
Input
Receive Error
Identifies error state occurred during data reception.
0
CRS
Input
Carrier Detection
Carrier detection signal
0
COL
Input
Collision Detection
Collision detection signal
0
MDC
Output
Management Data Clock
Reference clock signal for information transfer via MDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com