Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 260Page - Renesas Technology Corp HD6417618A Datasheet HTML 261Page - Renesas Technology Corp HD6417618A Datasheet HTML 262Page - Renesas Technology Corp HD6417618A Datasheet HTML 263Page - Renesas Technology Corp HD6417618A Datasheet HTML 264Page - Renesas Technology Corp HD6417618A Datasheet HTML 265Page - Renesas Technology Corp HD6417618A Datasheet HTML 266Page - Renesas Technology Corp HD6417618A Datasheet HTML 267Page - Renesas Technology Corp HD6417618A Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 232 of 610
REJ09B0131-0600
11.3.1
EtherC Mode Register (ECMR)
ECMR is a 32-bit readable/writable register and specifies the operating mode of the Ethernet
controller. The settings in this register are normally made in the initialization process following a
reset.
The operating mode setting must not be changed while the transmitting and receiving functions
are enabled. To switch the operating mode, return the EtherC and E-DMAC to their initial states
by means of the SWR bit in EDMR before making settings again.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 20
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
19
ZPF
0
R/W
0 time parameter PAUSE Frame Use Enable
0: Disables PAUSE frame control in which the TIME
parameter is 0.
The next frame is transmitted after the time
indicated by the Timer value has elapsed. When the
EtherC receives a PAUSE frame with the time
indicated by the Timer value set to 0, the PAUSE
frame is discarded.
1: Enables PAUSE frame control in which the TIME
parameter is 0.
A PAUSE frame with the Timer value set to 0 is
transmitted when the number of data in the receive
FIFO is less than the FCFTR value before the time
indicated by the Timer value has not elapsed. When
the EtherC receives a PAUSE frame with the time
indicated by the Timer value set to 0, the transmit
wait state is canceled.
18
PFR
0
R/W
PAUSE Frame Receive Mode
0: PAUSE frame is not transferred to the E-DMAC
1: PAUSE frame is transferred to the E-DMAC
17
RXF
0
R/W
Receive Flow Control Operating Mode
0: PAUSE frame detection function is disabled
1: Receive flow control function is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com