Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 262Page - Renesas Technology Corp HD6417618A Datasheet HTML 263Page - Renesas Technology Corp HD6417618A Datasheet HTML 264Page - Renesas Technology Corp HD6417618A Datasheet HTML 265Page - Renesas Technology Corp HD6417618A Datasheet HTML 266Page - Renesas Technology Corp HD6417618A Datasheet HTML 267Page - Renesas Technology Corp HD6417618A Datasheet HTML 268Page - Renesas Technology Corp HD6417618A Datasheet HTML 269Page - Renesas Technology Corp HD6417618A Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 234 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
5
TE
0
R/W
Transmission Enable
If a frame is being transmitted when this bit is
switched from transmit function enabled (TE = 1) to
disabled (TE = 0), the transmit function will be enabled
until transmission of the corresponding frame is
completed.
0: Transmit function is disabled
1: Transmit function is enabled
4
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
3
ILB
0
R/W
Internal Loop Back Mode
Specifies loopback mode in the EtherC.
0: Normal data transmission/reception is performed.
1: When DM = 1, data loopback is performed inside
the MAC in the EtherC.
2
ELB
0
R/W
External Loop Back Mode
This bit value is output directly to this LSI’s general-
purpose external output pin (EXOUT). This bit is used
for loopback mode directives, etc., in the LSI, using
the EXOUT pin. In order for LSI loopback to be
implemented using this function, the LSI must have a
pin corresponding to the EXOUT pin.
0: Low-level output from the EXOUT pin
1: High-level output from the EXOUT pin
1
DM
0
R/W
Duplex Mode
Specifies the EtherC transfer method.
0: Half-duplex transfer is specified
1: Full-duplex transfer is specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com