Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 264Page - Renesas Technology Corp HD6417618A Datasheet HTML 265Page - Renesas Technology Corp HD6417618A Datasheet HTML 266Page - Renesas Technology Corp HD6417618A Datasheet HTML 267Page - Renesas Technology Corp HD6417618A Datasheet HTML 268Page - Renesas Technology Corp HD6417618A Datasheet HTML 269Page - Renesas Technology Corp HD6417618A Datasheet HTML 270Page - Renesas Technology Corp HD6417618A Datasheet HTML 271Page - Renesas Technology Corp HD6417618A Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 236 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
2
LCHNG
0
R/W
Link Signal Change
Indicates that the LNKSTA signal input from the PHY
has changed from high to low or low to high.
To check the current Link state, refer to the LMON bit
in the PHY status register (PSR).
0: Changes in the LNKSTA signal are not detected
1: Changes in the LNKSTA signal are detected (high
to low or low to high)
1
MPD
0
R/W
Magic Packet Detection
Indicates that a Magic Packet has been detected on
the line.
0: Magic Packet has not been detected
1: Magic Packet has been detected
0
ICD
0
R/W
Illegal Carrier Detection
Indicates that the PHY has detected an illegal carrier
on the line. If a change in the signal input from the
PHY occurs before the software recognition period,
the correct information may not be obtained. Refer to
the timing specification for the PHY used.
0: LSI has not detected an illegal carrier on the line
1: LSI has detected an illegal carrier on the line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com