Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 274Page - Renesas Technology Corp HD6417618A Datasheet HTML 275Page - Renesas Technology Corp HD6417618A Datasheet HTML 276Page - Renesas Technology Corp HD6417618A Datasheet HTML 277Page - Renesas Technology Corp HD6417618A Datasheet HTML 278Page - Renesas Technology Corp HD6417618A Datasheet HTML 279Page - Renesas Technology Corp HD6417618A Datasheet HTML 280Page - Renesas Technology Corp HD6417618A Datasheet HTML 281Page - Renesas Technology Corp HD6417618A Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 246 of 610
REJ09B0131-0600
11.3.21
Manual PAUSE Frame Set Register (MPR)
MPR sets the TIME parameter value of the manual PAUSE frame. When transmitting the manual
PAUSE frame, the value set to this register is used as the TIME parameter of the PAUSE frame.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
15 to 0
MP15 to MP0 All 0
R/W
Manual PAUSE
Sets the TIME parameter value of the manual
PAUSE frame. At this time, 1 bit means 512-bit time.
Read values are undefined.
11.3.22
Automatic PAUSE Frame Retransfer Count Set Register (TPAUSER)
TPAUSER sets the upper limit of the number of times of the PAUSE frame retransfer. TPAUSER
must not be changed while the transmitting function is enabled.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
15 to 0
TPAUSE15
to TPAUSE0
All 0
R/W
Upper Limit of the Number of Times of PAUSE
Frame Retransfer
H'0000: Unlimited number of times of retransfer
H'0001: Retransfer once
:
:
H'FFFF: Number of times of retransfer is 65535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com