| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 280 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 280 Page - Renesas Technology Corp |
|
280 / 646 page ![]() Section 11 Ethernet Controller (EtherC) Rev. 6.00 Jun. 12, 2007 Page 248 of 610 REJ09B0131-0600 FDPX FDPX HDPX HDPX Collision Collision Collision*2 Collision*2 Error Error Error Normal transmission Notes: 1. Transmission retry processing includes both jam transmission that depends on collision detection and the adjustment of transmission intervals based on the back-off algorithm. 2. Transmission is retried only when data of 512 bits or less (including the preamble and SFD) is transmitted. When a collision is detected during the transmission of data greater than 512 bits, only jam is transmitted and transmission based on the back-off algorithm is not retried. Error notification Transmission halted Start of transmission (preamble transmission) Carrier detection Carrier detection SFD transmission CRC transmission Data transmission Carrier detection Failure of 15 retransfer attempts or collision after 512-bit time Retransfer processing*1 Error detection Retransfer initiation Carrier non-detection Carrier non-detection Idle TE set TE reset Reset [Legend] FDPX: Full Duplex HDPX: Half Duplex SFD: Start Frame Delimiter Figure 11.2 EtherC Transmitter State Transitions 1. When the transmit enable (TE) bit is set, the transmitter enters the transmit idle state. 2. When a transmit request is issued by the transmit E-DMAC, the EtherC sends the preamble after a transmission delay equivalent to the frame interval time. If full-duplex transfer is selected, which does not require carrier detection, the preamble is sent as soon as a transmit request is issued by the E-DMAC. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |