Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 280Page - Renesas Technology Corp HD6417618A Datasheet HTML 281Page - Renesas Technology Corp HD6417618A Datasheet HTML 282Page - Renesas Technology Corp HD6417618A Datasheet HTML 283Page - Renesas Technology Corp HD6417618A Datasheet HTML 284Page - Renesas Technology Corp HD6417618A Datasheet HTML 285Page - Renesas Technology Corp HD6417618A Datasheet HTML 286Page - Renesas Technology Corp HD6417618A Datasheet HTML 287Page - Renesas Technology Corp HD6417618A Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 252 of 610
REJ09B0131-0600
11.4.4
Accessing MII Registers
MII registers in the PHY are accessed via this LSI’s PHY interface register (PIR). Connection is
made as a serial interface in accordance with the MII frame format specified in IEEE802.3u.
MII Management Frame Format: The format of an MII management frame is shown in figure
11.8. To access an MII register, a management frame is implemented by the program in
accordance with the procedures shown in MII Register Access Procedure.
Access Type
MII Management Frame
Item
Number of bits
Read
Write
PRE
32
1..1
1..1
ST
2
01
01
OP
2
10
01
PHYAD
5
00001
00001
REGAD
5
RRRRR
RRRRR
TA
2
Z0
10
DATA
16
D..D
D..D
IDLE
X
PRE:
ST:
OP:
PHYAD:
REGAD:
TA:
DATA:
IDLE:
[Legend]
32 consecutive 1s
Write of 01 indicating start of frame
Write of code indicating access type
Write of 0001 if the PHY address is 1 (sequential write starting with the MSB).
This bit changes depending on the PHY address.
Write of 0001 if the register address is 1 (sequential write starting with the MSB).
This bit changes depending on the PHY register address.
Time for switching data transmission source on MII interface
(a) Write: 10 written
(b) Read: Bus release (notation: Z0) performed
16-bit data. Sequential write or read from MSB
(a) Write: 16-bit data write
(b) Read: 16-bit data read
Wait time until next MII management format input
(a) Write: Independent bus release (notation: X) performed
(b) Read: Bus already released in TA; control unnecessary
Figure 11.5 MII Management Frame Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com