Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 301Page - Renesas Technology Corp HD6417618A Datasheet HTML 302Page - Renesas Technology Corp HD6417618A Datasheet HTML 303Page - Renesas Technology Corp HD6417618A Datasheet HTML 304Page - Renesas Technology Corp HD6417618A Datasheet HTML 305Page - Renesas Technology Corp HD6417618A Datasheet HTML 306Page - Renesas Technology Corp HD6417618A Datasheet HTML 307Page - Renesas Technology Corp HD6417618A Datasheet HTML 308Page - Renesas Technology Corp HD6417618A Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 273 of 610
REJ09B0131-0600
12.2.8
Transmit/Receive Status Copy Enable Register (TRSCER)
TRSCER specifies whether or not transmit and receive status information reported by bits in the
EtherC/E-DMAC status register is to be indicated in bits TFS26 to TFS0 and RFS26 to RFS0 in
the corresponding descriptor. Bits in this register correspond to bits 11 to 0 in the EtherC/E-
DMAC status register (EESR). When a bit is cleared to 0, the transmit status (bits 11 to 8 in
EESR) is indicated in bits TFS3 to TFS0 in the transmit descriptor, and the receive status (bits 7
to 0 in EESR) is indicated in bits RFS7 to RFS0 of the receive descriptor. When a bit is set to 1,
the occurrence of the corresponding interrupt is not indicated in the descriptor. After this LSI is
reset, all bits are cleared to 0.
Bit
Bit Name
Initial
value
R/W
Description
31 to 12
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
11
CNDCE
0
R/W
CND Bit Copy Directive
0: Indicates the CND bit state in bit TFS3 in the
transmit descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit TFS3 of the transmit descriptor
10
DLCCE
0
R/W
DLC Bit Copy Directive
0: Indicates the DLC bit state in bit TFS2 of the
transmit descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit TFS2 of the transmit descriptor
9
CDCE
0
R/W
CD Bit Copy Directive
0: Indicates the CD bit state in bit TFS1 of the transmit
descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit TFS1 of the transmit descriptor
8
TROCE
0
R/W
TRO Bit Copy Directive
0: Indicates the TRO bit state in bit TFS0 of the receive
descriptor
1: Occurrence of the corresponding interrupt is not
indicated in bit TFS0 of the receive descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com