Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 304Page - Renesas Technology Corp HD6417618A Datasheet HTML 305Page - Renesas Technology Corp HD6417618A Datasheet HTML 306Page - Renesas Technology Corp HD6417618A Datasheet HTML 307Page - Renesas Technology Corp HD6417618A Datasheet HTML 308Page - Renesas Technology Corp HD6417618A Datasheet HTML 309Page - Renesas Technology Corp HD6417618A Datasheet HTML 310Page - Renesas Technology Corp HD6417618A Datasheet HTML 311Page - Renesas Technology Corp HD6417618A Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 276 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
10 to 0
TFT10 to
TFT0
All 0
R/W
Transmit FIFO Threshold
When setting a transmit FIFO, the FIFO must be set
to a smaller value than the specified value of the
FIFO capacity by FDR.
H'00: Store and forward modes
H'01 to H'0C: Setting prohibited
H'0D: 52 bytes
H'0E: 56 bytes
:
:
H'1F: 124 bytes
H'20: 128 bytes
:
:
H'3F: 252 bytes
H'40: 256 bytes
H'41: 260 bytes (Setting prohibited in SH7618,
setting enabled in SH7618A)
H'42: 264 bytes (Setting prohibited in SH7618,
setting enabled in SH7618A)
:
:
H'7F: 508 bytes (Setting prohibited in SH7618,
setting enabled in SH7618A)
H'80: 512 bytes (Setting prohibited in SH7618,
setting enabled in SH7618A)
H'81 to H'200: Setting prohibited
Note:
When starting transmission before one frame of data write has completed, take care the
generation of the underflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com