| Electronic Components Datasheet Search |
|
HD6417618A Datasheet(PDF) 312 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 312 Page - Renesas Technology Corp |
|
312 / 646 page ![]() Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC) Rev. 6.00 Jun. 12, 2007 Page 280 of 610 REJ09B0131-0600 12.2.14 Receiving-Buffer Write Address Register (RBWAR) RBWAR stores the address of data to be written in the receiving buffer when the E-DMAC writes data to the receiving buffer. Which addresses in the receiving buffer are processed by the E- DMAC can be recognized by monitoring addresses displayed in this register. The address that the E-DMAC is actually processing may be different from the value read from this register. Bit Bit Name Initial value R/W Description 31 to 0 RBWA31 to RBWA0 All 0 R Receiving-Buffer Write Address These bits can only be read. Writing is prohibited. 12.2.15 Receiving-Descriptor Fetch Address Register (RDFAR) RDFAR stores the descriptor start address that is required when the E-DMAC fetches descriptor information from the receiving descriptor. Which receiving descriptor information is used for processing by the E-DMAC can be recognized by monitoring addresses displayed in this register. The address from which the E-DMAC is actually fetching a descriptor may be different from the value read from this register. Bit Bit Name Initial value R/W Description 31 to 0 RDFA31 to RDFA0 All 0 R Receiving-Descriptor Fetch Address These bits can only be read. Writing is prohibited. 12.2.16 Transmission-Buffer Read Address Register (TBRAR) TBRAR stores the address of the transmission buffer when the E-DMAC reads data from the transmission buffer. Which addresses in the transmission buffer are processed by the E-DMAC can be recognized by monitoring addresses displayed in this register. The address from which the E-DMAC is actually reading in the buffer may be different from the value read from this register. Bit Bit Name Initial value R/W Description 31 to 0 TBRA31 to TBRA0 All 0 R Transmission-Buffer Read Address These bits can only be read. Writing is prohibited. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |