Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 312Page - Renesas Technology Corp HD6417618A Datasheet HTML 313Page - Renesas Technology Corp HD6417618A Datasheet HTML 314Page - Renesas Technology Corp HD6417618A Datasheet HTML 315Page - Renesas Technology Corp HD6417618A Datasheet HTML 316Page - Renesas Technology Corp HD6417618A Datasheet HTML 317Page - Renesas Technology Corp HD6417618A Datasheet HTML 318Page - Renesas Technology Corp HD6417618A Datasheet HTML 319Page - Renesas Technology Corp HD6417618A Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 284 of 610
REJ09B0131-0600
(a)
Transmit Descriptor 0 (TD0)
TD0 indicates the transmit frame status. The CPU and E-DMAC use RD0 to report the frame
transmission status.
Bit
Bit Name
Initial
value
R/W
Description
31
TACT
0
R/W
Transmit Descriptor Active
Indicates that this descriptor is active. The CPU sets
this bit after transmit data has been transferred to the
transmit buffer. The E-DMAC resets this bit on
completion of a frame transfer or when transmission
is suspended.
0: The transmit descriptor is invalid.
Indicates that valid data has not been written to
this bit by the CPU, or this bit has been reset by a
write-back operation on termination of E-DMAC
frame transfer processing (completion or
suspension of transmission)
If this state is recognized in an E-DMAC descriptor
read, the E-DMAC terminates transmit processing
and transmit operations cannot be continued (a
restart is necessary)
1: The transmit descriptor is valid.
Indicates that valid data has been written to the
transmit buffer by the CPU and frame transfer
processing has not yet been executed, or that
frame transfer is in progress
When this state is recognized in an E-DMAC
descriptor read, the E-DMAC continues with the
transmit operation
30
TDLE
0
R/W
Transmit Descriptor List End
After completion of the corresponding buffer transfer,
the E-DMAC references the first descriptor. This
specification is used to set a ring configuration for the
transmit descriptors.
0: This is not the last transmit descriptor list
1: This is the last transmit descriptor list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com