Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 313Page - Renesas Technology Corp HD6417618A Datasheet HTML 314Page - Renesas Technology Corp HD6417618A Datasheet HTML 315Page - Renesas Technology Corp HD6417618A Datasheet HTML 316Page - Renesas Technology Corp HD6417618A Datasheet HTML 317Page - Renesas Technology Corp HD6417618A Datasheet HTML 318Page - Renesas Technology Corp HD6417618A Datasheet HTML 319Page - Renesas Technology Corp HD6417618A Datasheet HTML 320Page - Renesas Technology Corp HD6417618A Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 285 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
29
28
TFP1
TFP0
0
0
R/W
R/W
Transmit Frame Position 1, 0
These two bits specify the relationship between the
transmit buffer and transmit frame. In the preceding
and following descriptors, a logically positive
relationship must be maintained between the settings
of this bit and the TDLE bit.
00: Frame transmission for transmit buffer indicated
by this descriptor continues (frame is not
concluded)
01: Transmit buffer indicated by this descriptor
contains end of frame (frame is concluded)
10: Transmit buffer indicated by this descriptor is start
of frame (frame is not concluded)
11: Contents of transmit buffer indicated by this
descriptor are equivalent to one frame (one
frame/one buffer)
27
TFE
0
R/W
Transmit Frame Error
Indicates that one or other bit of the transmit frame
status indicated by bits 26 to 0 is set. Whether or not
the transmit frame status information is copied into
this bit is specified by the transmit/receive status copy
enable register.
0: No error during transmission
1: An error occurred during transmission
26 to 0
TFS26 to
TFS0
All 0
R/W
Transmit Frame Status
TFS26 to TFS4: Reserved (The write value should
always be 0.)
TFS3: Carrier Not Detect (corresponds to CND bit in
EESR)
TFS2: Detect Loss of Carrier (corresponds to DLC bit
in EESR)
TFS1: Delayed collision Detect (corresponds to CD
bit in EESR)
TFS0: Transmit Retry Over (corresponds to TRO bit
in EESR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com