Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618A Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 307Page - Renesas Technology Corp HD6417618A Datasheet HTML 308Page - Renesas Technology Corp HD6417618A Datasheet HTML 309Page - Renesas Technology Corp HD6417618A Datasheet HTML 310Page - Renesas Technology Corp HD6417618A Datasheet HTML 311Page - Renesas Technology Corp HD6417618A Datasheet HTML 312Page - Renesas Technology Corp HD6417618A Datasheet HTML 313Page - Renesas Technology Corp HD6417618A Datasheet HTML 314Page - Renesas Technology Corp HD6417618A Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 279 of 610
REJ09B0131-0600
12.2.13
E-DMAC Operation Control Register (EDOCR)
EDOCR is a 32-bit readable/writable register that specifies the control methods used in E-DMAC
operation.
Bit
Bit Name
Initial
value
R/W
Description
31 to 4
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
FEC
0
R/W
FIFO Error Control
Specifies E-DMAC operation when transmit FIFO
underflow or receive FIFO overflow occurs.
0: E-DMAC operation continues when underflow or
overflow occurs
1: E-DMAC operation halts when underflow or
overflow occurs
2
AEC
0
R/W
Address Error Control
Indicates detection of an illegal memory address in an
attempted E-DMAC transfer.
0: Illegal memory address not detected (normal
operation)
1: E-DMAC stops its operation due to illegal memory
address detection
Note: To resume the operation, set the E-DMAC
again after software reset by means of the
SWR bit in EDMR.
1
EDH
0
R/W
E-DMAC Halted
0: The E-DMAC is operating normally
1: The E-DMAC has been halted by NMI pin
assertion. E-DMAC operation is restarted by
writing 0
0
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com