Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 38Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 39Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 40Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 41Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 42Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 43Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 44Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 45Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 848 page
background image
1. Overview
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 6 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
1.2
Product Lists
Tables 1.7 to 1.14 list product information for each group. Figure 1.1 to 1.8 show the Correspondence of Part No.,
with Memory Size and Package of R8C/Lx Group.
Table 1.7
Product List for R8C/L35A Group
(D): Under development
Figure 1.1
Correspondence of Part No., with Memory Size and Package of R8C/L35A Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2L357ANFP
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
N Version
R5F2L358ANFP
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2L35AANFP
(D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L35CANFP
(D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L357ADFP
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
D Version
R5F2L358ADFP
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2L35AADFP
(D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L35CADFP
(D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
Current of Jul 2008
Part No. R 5 F 2L 35 C A N FP
Package type:
FP, FA: LQFP
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/L35A Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com