Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFP Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R5F2L3ACADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFP Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R5F2L3ACADFP Datasheet HTML 87Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 88Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 89Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 90Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 91Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 92Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 93Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 94Page - Renesas Technology Corp R5F2L3ACADFP Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 848 page
background image
5. Resets
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 55 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Figure 5.4
Example of Hardware Reset Circuit and Operation
Figure 5.5
Example of Hardware Reset Circuit (Usage Example of External Supply Voltage
Detection Circuit) and Operation
RESET
VCC
VCC
RESET
1.8 V
0 V
0.2 VCC or below
td(P-R) + 10
µs or more
0 V
Note:
1. Refer to 36. Electrical Characteristics.
RESET
VCC
VCC
RESET
1.8 V
0 V
0 V
5 V
5 V
Example when
VCC = 5 V
Supply voltage
detection circuit
Note:
1. Refer to 36. Electrical Characteristics.
td(P-R) + 10
µs or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com